PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ843SC 74ACTQ843SPC 74ACTQ843 |
Quiet Seriesa9-Bit Transparent Latch with 3-STATE Outputs Quiet Seriesa⑩ 9-Bit Transparent Latch with 3-STATE Outputs Quiet Seriesa 9-Bit Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ABT16373 74ABT16373CMTD 74ABT16373CSSC 74ABT1637 |
8-Bit D-Type Latch 16-Bit Transparent D-Type Latch with 3-STATE Outputs From old datasheet system 16-Bit Transparent Latch with 3-STATE Outputs
|
锁存 Fairchild Semiconductor
|
HCS573MS HCS573D HCS573DMSR HCS573HMSR HCS573K HCS |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Octal Transparent Latch, Three-State HC/UH SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ACS373MS ACS373D ACS373DMSR ACS373HMSR ACS373K ACS |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Octal Transparent Latch, Three-State Transparent Latch, Octal, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
74ALVCH16373 74ALVCH16373T 74ALVCH16373TX |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold 低电6位透明锁存器与Bushold
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74F841SC |
10-Bit Transparent Latch
|
Fairchild Semiconductor
|
74F845SPC 74F845 74F845SC |
8-Bit Transparent Latch
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX32373 74LCX32373GX |
Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs (Preliminary) From old datasheet system Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
|
FAIRCHILD[Fairchild Semiconductor]
|